Part Number Hot Search : 
AN1448 FA005M28 MRF650 A132A XLY315 74HC08 183E28 Q015R
Product Description
Full Text Search
 

To Download MBB02070C1001FCT00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  professional thin film leaded resistors mba/sma 0204, mbb/sma 0207, mb e/sma 0414 - professional vishay beyschlag www.vishay.com for technical questions, contact: filmresistorsleaded@vishay.com document number: 28766 22 revision: 03-dec-12 this document is subject to change without notice. the products described herein and this document\ra re subject to specific disclaimers, set forth at www.vishay.com/doc?91000 description mba/sma 0204, mbb/sma 0207 and mbe/sma 0414 professional leaded thin film resistors are the general purpose resistor for all fields of professional electronics where reliability and stability is of major concern. typical applications include industrial, telecommunication and medical equipment. features ? available in standard version or cecc version (iecq-cecc approved according to en 140101-806) ? advanced thin film technology ? power dissipation rating up to 1 w ? excellent overall stability: class 0.25 ? wide professional range: 0.22 ? to 22 m ? ? lead (pb)-free termination wire ? pure tin plating provides compatibility with lead (pb)-free and lead containing soldering processes ? aec-q200 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? industrial ? telecommunication ? medical equipment ? automotive notes ? mb_ series has been merged with the relat ed sma series to form one series ?mb_/sma__? ? these resistors do not feature a limited lifetime when operated wi thin the permissible limits. ho wever, resistance value drift increasing over operating time may result in exceeding a limit acceptable to the spec ific application, thereby es tablishing a functional lifeti me. metric size din 0204 0207 0414 cecc abd technical specifications description mba/sma 0204 mbb/sma 0207 mbe/sma 0414 cecc size a b d resistance range 0.22 ? to 10 m ? ; 0 ? 0.22 ? to 22 m ? ; 0 ? 0.22 ?? to 22 m ? resistance tolerance 5 %; 1 %; 0.5 % temperature coefficient 50 ppm/k; 25 ppm/k operation mode long term standard long term standard long term standard climatic category (lct/uct/days) 55/125/56 55/155/56 55/125/56 55/155/56 55/125/56 55/155/56 rated dissipation, p 70 0.25 w 0.4 w 0.4 w 0.6 w 0.65 w 1.0 w operating voltage, u max. ac/dc 200 v 350 v 500 v film temperature 125 ? c 155 ? c 125 ? c155 ? c 125 ? c155 ? c max. resistance change at p 70 for resistance range, ? r / r max., after: 1 ? to 332 k ? 1 ?? to 1 m ? 1 ?? to 2.4 m ? 1000 h ?? 0.25 % ?? 0.5 % ?? 0.25 % ?? 0.5 % ?? 0.2 % ?? 0.4 % 8000 h ?? 0.5 % ?? 1.0 % ?? 0.5 % ?? 1.0 % ??? 0.4 % ?? 0.8 % 225 000 h ?? 1.5 % - ?? 1.5 % - ?? 1.2 % - permissible voltage against ambient (insulation): 1 minute; u ins 300 v 500 v 800 v continuous 75 v 75 v 75 v failure rate: fit observed ?? 0.1 x 10 -9 /h ?? 0.1 x 10 -9 /h ?? 0.1 x 10 -9 /h
document number: 28766 for technical questions, contact: filmresistorsleaded@vishay.com www.vishay.com revision: 03-dec-12 23 mba/sma 0204, mbb/sma 0207, mbe/sma 0414 - professional professional thin f ilm leaded resistors vishay beyschlag this document is subject to change without notice. the products described herein and this document\rare subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) standard products are not cecc approved (2) resistance value to be selected from e24 series for 5 %, 2 % tolerance, from e24/e96 series for 1 % tolerance and from e2 4/e192 for 0.5 % tolerance (3) aec-q200 qualification applie s to products with tcr = 50 ppm/k and tolerance = 1 % in the ranges of 10 ? to 301 k ? for mba/sma 0204, 10 ? to 7.5 m ? for mbb/sma 0207, and 10 ? to 22 m ? for mbe/sma 0414 ? resistance ranges printed in bold are preferred tcr/tolerance combi nations with optim ized availability ? the part number shown above is to facilitate t he unified part numbering system for ordering products part number and product description - standard products (1) part number: MBB02070C1001FCT00 type/size variant tcr resistance tolerance packaging special mba0204 = mba/sma 0204 mbb0207 = mbb/sma 0207 mbe0414 = mbe/sma 0414 0 = neutral n = rb radial 5 mm for mbb/sma0207 s = ub radial 2.5 mm for mbb/sma0207 i = l0 welding joint not lacquered for mbb/sma 0207 b = kl lacquered welding joint for mba/sma 0204 d = 25 ppm/k c = 50 ppm/k z = jumper 3 digit value 1 digit multiplier multiplier 7 = *10 -3 2 = *10 2 8 = *10 -2 3 = *10 3 9 = *10 -1 4 = *10 4 0 = *10 0 5 = *10 5 1 = *10 1 6 = *10 6 0000 = jumper d = 0.5 % f = 1 % j = 5 % z = jumper ct c1 rp r2 r4 n4 00 = standard product description: mbb/sma 0207-50 1 % ct 1k0 mbb/sma 0207 - 50 1 % ct 1k0 type/size tcr tolerance variant packaging resistance mba/sma 0204 mbb/sma 0207 mbe/sma 0414 25 ppm/k 50 ppm/k 0.5 % 1.0 % 5.0 % rb ub l0 kl ct c1 rp r2 r4 n4 1k0 = 1 k ? 51r1 = 51.1 ? temperature coefficient and resist ance range - standard products (1) tcr tolerance resistance range (2)(3) mba/sma 0204 mbb/sma 0207 mbe/sma 0414 50 ppm/k 5 % 0.22 ? to 0.91 ? 0.22 ? to 0.91 ? 11 m ? to 22 m ? 0.22 ? to 0.91 ? 2% - 0.22 ? to 0.91 ? - 1 % 1 ? to 10 m ? 1 ? to 10 m ? 1 ? to 22 m ? 0.5 % 10 ? to 475 k ? 10 ? to 1 m ? 10 ? to 2.4 m ? 25 ppm/k 1 % 10 ? to 475 k ? 10 ? to 1 m ? 10 ? to 2.4 m ? 0.5 % 10 ? to 475 k ? 10 ? to 1 m ? 10 ? to 2.4 m ? jumper - ?? 10 m ? ; i max. = 3.0 a ?? 10 m ? , i max. = 5.0 a - b2 0c10fct0 b m 7010 0 0
www.vishay.com for technical questions, contact: filmresistorsleaded@vishay.com document number: 28766 24 revision: 03-dec-12 mba/sma 0204, mbb/sma 0207, mb e/sma 0414 - professional vishay beyschlag professional thin fi lm leaded resistors this document is subject to change without notice. the products described herein and this document\ra re subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) approval is according to en 140101-806, version a (2) resistance value to be selected from e24 series for 5 %, 2 % tolerance, from e24/e96 series for 1 % tolerance and from e2 4/e192 for 0.5 % tolerance (3) aec-q200 qualification applies to products with tcr = 50 ppm/k and tolerance = 1 % in the ranges of 10 ? to 301 k ? for mba/sma 0204, 10 ohm to 7.5 m ? for mbb/sma 0207, and 10 ? to 22 m ? for mbe/sma 0414 ? resistance ranges printed in bold are preferred tcr/tolerance combi nations with optimized availability ? the part number shown above is to facilitate the unified part numbering system for ordering products ? radial version (rb, ub) cannot be qualified according to cecc so these can only be ordered as standard products part number and product descript ion - cecc approved products (1) part number: mbb0207vc1001fct00 type/size variant tcr resistance tolerance packaging special mba0204 = mba/sma 0204 mbb0207 = mbb/sma 0207 mbe0414 = mbe/sma 0414 v = cecc 06 d = 25 ppm/k c = 50 ppm/k z = jumper 3 digit value 1 digit multiplier multiplier 7 = *10 -3 2 = *10 2 8 = *10 -2 3 = *10 3 9 = *10 -1 4 = *10 4 0 = *10 0 5 = *10 5 1 = *10 1 6 = *10 6 0000 = jumper d = 0.5 % f = 1 % j = 5 % z = jumper ct c1 rp r2 00 = standard l0 = welding joint not lacquered for mbb/sma 0207 kl = lacquered welding joint for mba/sma 0204 product description: mbb/sma 0207-50 1 % cecc 06 ct 1k0 mbb/sma 0207 - 50 1 % cecc 06 ct 1k0 type/size tcr tolerance variant packaging resistance mba/sma 0204 mbb/sma 0207 mbe/sma 0414 25 ppm/k 50 ppm/k 0.5 % 1.0 % 5.0 % cecc 06 cecc 06 l0 cecc 06 kl ct c1 rp r2 1k0 = 1 k ? 51r1 = 51.1 ? temperature coefficient and resistance range - cecc approved products (1) tcr tolerance resistance range (2)(3) mba/sma 0204 mbb/sma 0207 mbe/sma 0414 50 ppm/k 5 % 0.22 ? to 0.91 ? 0.22 ? to 0.91 ? 11 m ? to 22 m ? 0.22 ? to 0.91 ? 1 % 1 ? to 10 m ? 1 ? to 10 m ? 1 ? to 22 m ? 0.5 % 10 ? to 332 k ? 10 ? to 1 m ? 10 ? to 2.43 m ? 25 ppm/k 1 % 10 ? to 475 k ? 10 ? to 1 m ? 10 ? to 2.43 m ? 0.5 % 10 ? to 475 k ? 10 ? to 1 m ? 10 ? to 2.43 m ? jumper - ?? 10 m ? ; i max. = 3.0 a ?? 10 m ? , i max. = 5.0 a - b2 vc10fct0 b m 7010 0 0
document number: 28766 for technical questions, contact: filmresistorsleaded@vishay.com www.vishay.com revision: 03-dec-12 25 mba/sma 0204, mbb/sma 0207, mbe/sma 0414 - professional professional thin f ilm leaded resistors vishay beyschlag this document is subject to change without notice. the products described herein and this document\rare subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? for details related to packagi ng specs, refer datasheet link www.vishay.com/doc?28721 dimensions note (1) for 7.5 ? m < 10.0 mm, use version mbb/sma 0207 ... l0 (welding joint not lacquered) packaging - axial products type reel taping acc. iec 60286-1 box taping acc. iec 60286-1 pieces code pieces code mba/sma 0204 5000 rp 1000 5000 c1 ct mbb/sma 0207 5000 rp 1000 5000 c1 ct mbe/sma 0414 2500 r2 1000 c1 dimensions - leaded resistor types, mass and relevant physical dimensions type d max. (mm) l max. (mm) d nom. (mm) i min. (mm) m min. (mm) mass (mg) mba/sma 0204 1.6 3.6 0.5 29.0 5.0 125 mbb/sma 0207 2.5 6.5 0.6 28.0 10.0 (1) 220 mbe/sma 0414 4.2 11.9 0.8 31.0 15.0 700 l d d i i m
www.vishay.com for technical questions, contact: filmresistorsleaded@vishay.com document number: 28766 26 revision: 03-dec-12 mba/sma 0204, mbb/sma 0207, mb e/sma 0414 - professional vishay beyschlag professional thin fi lm leaded resistors this document is subject to change without notice. the products described herein and this document\ra re subject to specific disclaimers, set forth at www.vishay.com/doc?91000 mbb/sma 0207 with radial taping lead spacing (ub = 2.5 mm), size 0207 lead spacing (rb = 5.0 mm), size 0207 packaging - radial products type reel taping acc. iec 60286-2 box taping acc. iec 60286-2 pieces code pieces code mbb/sma 0207 rb 4000 r4 4000 n4 mbb/sma 0207 ub l h c h 1 f p 3 max. insulated w direction of unreelin g dimensions in millimeters pitch of components p 12.7 1.0 lead spacing f 2.5 + 0.6, - 0.1 width of carrier tape w 18.0 + 1.0, - 0.5 body to hole center h 18.0 2.0 height for cutting (max.) l 11 height for bending c 2.5 + 0, - 0.5 height for insertion (max.) h 1 32 h 1 l h c p f h 0 w insulated 3 max. direction of unreelin g dimensions in millimeters pitch of components p 12.7 1.0 lead spacing f 5.0 + 0.6, - 0.1 width of carrier tape w 18.0 + 1.0, - 0.5 body to hole center h 18.0 2.0 lead crimp to hole center h 0 16.0 0.5 height for cutting (max.) l 11 height for bending c 2.5 + 0, - 0.5 height for insertion (max.) h 1 32
document number: 28766 for technical questions, contact: filmresistorsleaded@vishay.com www.vishay.com revision: 03-dec-12 27 mba/sma 0204, mbb/sma 0207, mbe/sma 0414 - professional professional thin f ilm leaded resistors vishay beyschlag this document is subject to change without notice. the products described herein and this document\rare subject to specific disclaimers, set forth at www.vishay.com/doc?91000 description production is strictly controlled and follows an extensive set of instructions established for reproducibility. a homogeneous film of metal al loy is deposited on a high grade ceramic body and conditioned to achieve the desired temperature coefficient. plated steel termination caps are firmly pressed on the metallized rods. a special laser is used to achieve the target value by smoothly cutting a helical groove in the resistive layer without damaging the ceramics. connecting wires of electrol ytic copper plated with 100 % pure tin are welded to the termination caps. the resistor elements are covered by a light blue protective coating designed for electrical, mechanical and climatic protection. four or five color code rings designate the resistance value and tolerance in accordance with iec 60062 . the result of the determined production is verified by an extensive testing procedure performed on 100 % of the individual resistors. only accepted products are stuck directly on the adhesive tapes in accordance with iec 60286-1 or for the radial versions in accordance to iec 60286-2 . assembly the resistors are suitable for processing on automatic insertion equipment and cutting and bending machines. excellent solderability is proven, even after extended storage. they are suitable fo r automatic soldering using wave or dipping. the resistors are completely l ead (pb)-free, the pure tin plating provides compatibil ity with lead (pb)-free and lead-containing soldering proc esses. the immunity of the plating against tin whisker growth has been proven under extensive testing. the encapsulation is resistant to all cleaning solvents commonly used in the electronics industry, including alcohols, esters and aqueous solutions. the suitability of conformal coatings, if applied, shall be qualified by appropriate means to ensure the long-term stability of the whole system. all products comply with gadsl (1) and the cefic-eeca-eicta (2) list of legal restrictions on hazardous substances. this includes full compliance with the following directives: ? 2000/53/ec end of vehicle life directive (elv) and annex ii (elvii) ? 2002/95/ec restriction of the use of hazardous substances directive (rohs) ? 2002/96/ec waste electrical and electrical equipment directive (weee) approvals the resistors (cecc version) are approved within the iecq-cecc quality assessme nt system for electronic components to the detail specification en 140101-806 which refers to en 60115-1 and en 140100 and the variety of environmental test procedures of the iec 60068 series. conformity is attested by the use of the cecc logo ( ) as the mark of conformity on th e package label for the cecc version. vishay beyschlag has achieved "approval of manufacturer" in accordance with iec qc 001002-3, clause 2 . the release certificate for "technology approval schedule" in accordance with cecc 240001 based on iec qc 001002-3, clause 6 is granted for the vishay beyschlag manufacturing process. related products for a corelated range of precision tcr and tolerance specifications see the datasheet: ? ?precision thin film leaded resistors?, document no. 28767 for products approved to en 140101-806, version e, with established reliability and failure rate level e7 (quality factor ? q = 0.1), see the datasheet: ? ?established reliability thin film leaded resistors?, document no. 28768 notes (1) global automotive declarable substance list, see www.gadsl.org (2) cefic (european chemical industry council), eeca (european elec tronic component manufacturers association), eicta (european trade organisation representing the information and co mmunications technology and c onsumer electronics), see www.eicta.org/index.php?id=1053&id_article=340
www.vishay.com for technical questions, contact: filmresistorsleaded@vishay.com document number: 28766 28 revision: 03-dec-12 mba/sma 0204, mbb/sma 0207, mb e/sma 0414 - professional vishay beyschlag professional thin fi lm leaded resistors this document is subject to change without notice. the products described herein and this document\ra re subject to specific disclaimers, set forth at www.vishay.com/doc?91000 functional performance c 100 150 0 - 50 50 0.5 1 w 70 ambient temperature amb ? power dissipation p mbe/sma 0414 mba/sma 0204 mbb/sma 0207 0 derating - standard operation c 100 150 0 - 50 50 0.5 1 w 70 ambient temperature amb ? power dissipation p 0 mbe/sma 0414 mba/sma 0204 mbb/sma 0207 derating long term operation 0 40 k 60 20 8 0 0 0.4 0. 8 1 1.2 0.2 0.6 0.1 0.3 0.5 0.7 0.9 1.1 w load p temperature rise t r mbe/sma 0414 mba/sma 0204 mbb/sma 0207 rise of surface temperature temperature rise
document number: 28766 for technical questions, contact: filmresistorsleaded@vishay.com www.vishay.com revision: 03-dec-12 29 mba/sma 0204, mbb/sma 0207, mbe/sma 0414 - professional professional thin f ilm leaded resistors vishay beyschlag this document is subject to change without notice. the products described herein and this document\rare subject to specific disclaimers, set forth at www.vishay.com/doc?91000 100 s 1 ms 10 ms 1 1 s 10 s 0.1 w 10 s 100 ms 10 100 pulse duration t i pulse load p max. mbe/sma 0414 mba/sma 0204 mbb/sma 0207 maximum pulse load, single pulse; for permissib le resistance change equivalent to 8000 h operation. single pulse 100 s 1 ms 10 ms 1 1 s 10 s 0.1 w 10 s 100 ms 100 10 pulse duration t i continuous pulse load p max. mbe/sma 0414 mba/sma 0204 mbb/sma 0207 maximum pulse load, continuous pulse s; for permissible resistance change equivalent to 8000 h operation. continuous pulse 100 v 1 kv 100 s 1 ms 10 ms 1 s 10 s 10 s 100 ms pulse duration t i pulse volta g e u max. mbe/sma 0414 mba/sma 0204 mbb/sma 0207 maximum pulse voltage, single and contin uous pulses; for permissible resistan ce change equivalent to 8000 h operation. pulse voltage
www.vishay.com for technical questions, contact: filmresistorsleaded@vishay.com document number: 28766 30 revision: 03-dec-12 mba/sma 0204, mbb/sma 0207, mb e/sma 0414 - professional vishay beyschlag professional thin fi lm leaded resistors this document is subject to change without notice. the products described herein and this document\ra re subject to specific disclaimers, set forth at www.vishay.com/doc?91000 100 v 1 kv 10 v 10 kv 100 1 k 100 k 1 m 10 10 m resistance value r test volta g e 10 k mbe/sma 0414 mba/sma 0204 mbb/sma 0207 pulse load rating in accordance with iec 60115-1, 4.27; 1.2 s/50 s ; 5 pulses at 12 s intervals; for permissible resistance change 0.5 %. 1.2/50 pulse 100 v 1 kv 10 v 10 kv 100 1 k 100 k 1 m 10 10 m resistance value r test volta g e 10 k mbe/sma 0414 mba/sma 0204 mbb/sma 0207 pulse load rating in accordance with iec 60115-1, 4.27; 10 s/700 s; 10 pulses at 1 minute intervals; for permissible resistance change 0.5 %. 10/700 pulse 0.01 0.1 1 100 v/v mbe/sma 0414 mba/sma 0204 mbb/sma 0207 1k 10k 100k 1m 10m resistance value r current noise a 1 current noise - a 1 in accordance with iec 60195
document number: 28766 for technical questions, contact: filmresistorsleaded@vishay.com www.vishay.com revision: 03-dec-12 31 mba/sma 0204, mbb/sma 0207, mbe/sma 0414 - professional professional thin f ilm leaded resistors vishay beyschlag this document is subject to change without notice. the products described herein and this document\rare subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tests and requirements essentially all tests are carried out in accordance with the following specifications: en 60115-1, generic specification (includes tests) en 140100, sectional specificat ion (includes schedule for qualification approval) en 140101-806 (successor of cecc 40101-806), detail specification (includes schedule for conformance inspection) the test and requirements table contains only the most important tests. for the full test schedule refer to the documents listed abov e. the testing also covers most of the requirements specified by eia/is-703 and jis-c-5202. the tests are carried out in accordance with iec 60068-2-xx test method and under standard atmospheric conditions in accordance with iec 60068-1, 5.3. climatic category lct/uct/56 (rated temperature range: lower category temperature, upper category temperature; damp heat, steady state, test duration: 56 days) is valid. unless otherwise specified the following values apply: temperature: 15 c to 35 c relative humidity: 45 % to 75 % air pressure: 86 kpa to 106 kpa (860 mbar to 1060 mbar). for performing some of the tests, the components are mounted on a test board in accordance with iec 60115-1, 4.31. in test procedures and requirements table, only the tests and requirements are listed with reference to the relevant clauses of iec 60115-1 and iec 60068-2-xx test methods. a short description of the test procedure is also given. test procedures and requirements iec 60115-1 clause iec 60068-2- test method test procedure requirements permissible change ( ? r max.) stability for product types: stability class 0.5 stability class 1 stability class 2 mba/sma 0204 1 ? to 332 k ? 0.22 ? to < 1 ? > 332 k ? mbb/sma 0207 1 ? to 1 m ? 0.22 ? to < 1 ? > 1 m ? mbe/sma 0414 1 ? to 2.4 m ? 0.22 ? to < 1 ? > 2.4 m ? 4.5 - resistance 5 % r ; 1 % r ; 0.5 % r 4.8 - temperature coefficient at (20/lct/20) c and (20/uct/20) c 50 ppm/k; 25 ppm/k 4.25.1 - endurance at 70 ? c: standard operation mode u = or u = u max. ; 1.5 h on; 0.5 h off 70 c; 1000 h (0.5 % r + 0.05 ?? ) (1) 0.5 % r 70 c; 8000 h (1 % r +0.05 ?? ) (2) 1 % r - endurance at 70 ? c: long term operation mode u = or u = u max. ; 1.5 h on; 0.5 h off 70 c; 1000 h (0.25 % r +0.05 ?? ) (3) 0.25 % r 70 c; 8000 h (0.5 % r +0.05 ?? ) (4) 0.5 % r 4.25.3 ? endurance at upper category temperature 125 c; 1000 h (0.25 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) 1 % r 155 c; 1000 h (0.5 % r + 0.05 ? ) (1 % r + 0.05 ? ) 2 % r 4.24 78 (cab) damp heat, steady state (40 2) c; 56 days; (93 3) % rh (0.5 % r + 0.05 ? ) (1 % r + 0.05 ? ) 2 % r p 70 x r p 70 x r
www.vishay.com for technical questions, contact: filmresistorsleaded@vishay.com document number: 28766 32 revision: 03-dec-12 mba/sma 0204, mbb/sma 0207, mb e/sma 0414 - professional vishay beyschlag professional thin fi lm leaded resistors this document is subject to change without notice. the products described herein and this document\ra re subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) (0.4 % r + 0.05 ? ) for mbe/sma 0414 (2) (0.8 % r + 0.05 ? ) for mbe/sma 0414 (3) (0.2 % r + 0.05 ? ) for mbe/sma 0414 (4) (0.4 % r + 0.05 ? ) for mbe/sma 0414 4.23 climatic sequence: 4.23.2 2 (ba) dry heat 155 c; 16 h 4.23.3 30 (db) damp heat, cyclic 55 c; 24 h; 90 % to 100 % rh; 1 cycle 4.23.4 1 (aa) cold - 55 c; 2 h 4.23.5 13 (m) low air pressure 8.5kpa; 2h; 15 c to 35 c 4.23.6 30 (db) damp heat, cyclic 55 c; 5 days; 95 % to 100 % rh; 5 cycles (0.5 % r + 0.05 ? ) no visible damage (1 % r + 0.05 ? ) no visible damage 2 % r no visible damage 4.13 - short time overload room temperature; u = 2.5 x or u = 2 x u max. ; 5 s (0.1 % r + 0.01 ?? ) no visible damage (0.25 % r + 0.05 ? ) no visible damage 0.5 % r no visible damage 4.19 14 (na) rapid change of temperature 30 min at lct = - 55 c 30 min at uct= 155 c 5 cycles (0.1 % r + 0.01 ? ) (0.25 % r + 0.05 ? ) 0.5 % r mba/sma 0204: 500 cycles mbb/sma 0207: 200 cycles mbe/sma 0414: 100 cycles (0.5 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) 4.29 45 (xa) component solvent resistance isopropyl alcohol + 23 c; toothbrush method marking legible; no visible damage 4.18.2 20 (tb) resistance to soldering heat unmounted components; (260 3) c; (10 1) s (0.1 % r + 0.01 ? ) no visible damage (0.25 % r + 0.05 ? ) no visible damage 0.5 % r no visible damage 4.17 20 (ta) solderability + 235 c; 2 s solder bath method; snpb40 good tinning (> 95 % covered, no visible damage) + 245 c; 3 s solder bath method; snag3cu0.5 4.22 6 (b4) vibration 6 h; 10 hz to 2000 hz 1.5 mm or 196 m/s 2 (0.1 % r + 0.01 ? ) (0.25 % r + 0.05 ? ) 0.5 % r 4.16 21 (ua 1 ) 21 (ub) 21 (uc) robustness of terminations tensile, bending and torsion (0.1 % r + 0.01 ? ) (0.25 % r + 0.05 ? ) 0.5 % r 4.7 - voltage proof u rms = u ins ; 60 s no flashover or breakdown 4.40 - electrostatic discharge (human body model) iec 61340-3-1; 3 pos. + 3 neg. mba/sma 0204: 2 kv mbb/sma 0207: 4 kv mbe/sma 0414: 6 kv (0.5 % r +0.05 ? ) test procedures and requirements iec 60115-1 clause iec 60068-2- test method test procedure requirements permissible change ( ? r max.) stability for product types: stability class 0.5 stability class 1 stability class 2 mba/sma 0204 1 ? to 332 k ? 0.22 ? to < 1 ? > 332 k ? mbb/sma 0207 1 ? to 1 m ? 0.22 ? to < 1 ? > 1 m ? mbe/sma 0414 1 ? to 2.4 m ? 0.22 ? to < 1 ? > 2.4 m ? p 70 x r
document number: 28766 for technical questions, contact: filmresistorsleaded@vishay.com www.vishay.com revision: 03-dec-12 33 mba/sma 0204, mbb/sma 0207, mbe/sma 0414 - professional professional thin f ilm leaded resistors vishay beyschlag this document is subject to change without notice. the products described herein and this document\rare subject to specific disclaimers, set forth at www.vishay.com/doc?91000 historical 12nc information ? the resistors had a 12-digit numeric code starting with 2312 ? the subsequent 4 digits indicated the resistor type, specification and packaging; see the 12nc table ? the remaining 4 digits indicated the resistance value: - the first 3 digits indicated the resistance value - the last digit indicated the resistance decade in accordance with resistance decade table resistance decade historical 12nc example the 12nc code of a mba 0204 resistor, value 47.5 k ? and tcr 50 with 1 % tolerance, supplied on bandolier in a box of 5000 units was: 2312 905 14753. resistance decade last digit 0.1 ?? to 0.999 ? 7 1 ?? to 9.99 ? 8 10 ?? to 99.9 ? 9 100 ?? to 999 ? 1 1 k ? to 9.99 k ? 2 10 k ? to 99.9 k ? 3 100 k ? to 999 k ? 4 1m ? to 9.99 m ? 5 10 m ? to 99.9 m ? 6 historical 12nc - resistor type and packaging description 2312 ... ..... ammopack reel type tcr tol. c1 1000 units ct 5000 units r1 1000 units r2 2500 units rp 5000 units mba 0204 50 ppm/k 5 % 900 3.... 905 3.... 700 3.... - 805 3.... 1 % 900 1.... 905 1.... 700 1.... - 805 1.... 0.5 % 900 5.... 905 5.... 700 5.... - 805 5.... 25 ppm/k 1 % 901 1.... 906 1.... 701 1.... - 806 1.... 0.5 % 901 5.... 906 5.... 701 5.... - 806 5.... jumper - 900 90001 905 90001 700 90001 - 805 90001 mbb 0207 50 ppm/k 5 % 910 3.... 915 3.... 710 3.... - 815 3.... 1 % 910 1.... 915 1.... 710 1.... - 815 1.... 0.5 % 910 5.... 915 5.... 710 5.... - 815 5.... 25 ppm/k 1 % 911 1.... 916 1.... 711 1.... - 816 1.... 0.5 % 911 5.... 916 5.... 711 5.... - 816 5.... jumper - 910 90001 915 90001 710 90001 - 815 90001 mbe 0414 50 ppm/k 5 % 920 3.... - - 825 3.... - 1 % 920 1.... - - 825 1.... - 0.5 % 920 5.... - - 825 5.... - 25 ppm/k 1 % 921 1.... - - 826 1.... - 0.5 % 921 5.... - - 826 5.... -
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MBB02070C1001FCT00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X